PART |
Description |
Maker |
1N5615 S6F S2F S8F |
RECTIFIER, up to 1kV, 2A, 150-500ns
|
Semtech Corporation
|
S8M 1N5614 S6M 1N5618 S2M |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(????靛?600V,骞冲?姝e??垫?2A锛?酱??????瀵??????㈠??存?浜??绠? RECTIFIER, up to 1kV, 2A, 2μs RECTIFIER, up to 1kV, 2A, 2楼矛s
|
Semtech Corporation
|
KBPC610 |
BRIDGE RECTIFIER,1-PHASE FULL-WAVE,1KV V(RRM),BR-3W From old datasheet system
|
Fuji Semiconductors, Inc.
|
MBR30H150CTG MBRF30H150CTG |
SWITCHMODE Power Rectifier 150 V, 30 A SWITCHMODE垄芒 Power Rectifier 150 V, 30 A
|
ON Semiconductor
|
CR30U-040 CR30U-020 CR30U-060 CR30U-010 CR30U-080 |
30 A, 150 V, SILICON, RECTIFIER DIODE, DO-4 Leaded Rectifier Ultra Fast
|
CENTRAL SEMICONDUCTOR CORP
|
FST65150 |
60 AMP SCHOTTKY RECTIFIER 30 A, 150 V, SILICON, RECTIFIER DIODE, TO-247AD
|
Microsemi, Corp.
|
SPD58021 SPD5804S |
LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc Solid State Devices, Inc.
|
NTE6154 NTE6165 NTE6155 NTE6164 NTE6163 NTE6162 NT |
Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1000V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1600V. Silicon Industrial Rectifier / 150 Amp / General Purpose Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 400V. Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 600V.
|
NTE[NTE Electronics]
|
1N5811D3B-JQRS.GRPC 1N5811D3A |
3 A, 150 V, SILICON, RECTIFIER DIODE HERMETIC SEALED, CERAMIC, DLCC3 VARIANT B, 2 PIN ULTRA FAST RECOVERY POWER RECTIFIER
|
TT electronics Semelab, Ltd. Seme LAB
|
WKU250-10W WKT250-10W WKL250-10W WKH250-10W WKV250 |
THYRISTOR MODULE|SCR|DUAL|CC|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR|DUAL|CA|1KV V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|800V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|600V V(RRM)|300A I(T) THYRISTOR MODULE|SCR DOUBLER|400V V(RRM)|300A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1.6KV V(RRM)|300A I(T) 晶闸管模块|倍增|半CNTLD |负| 1.6KV五(无线资源管理)| 300我(翻译
|
Vicor, Corp.
|
SBR30150CTB |
RECTIFIER SBR DUAL 30A 150V 200A-ifsm 920mV-vf 0.1mA-ir D2PAK 50/TUBE 30 A, 150 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes, Inc.
|
|